PART |
Description |
Maker |
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
NCP3985SN275T1G NCP3985SN18T1G NCP3985SN28T1G NCP3 |
Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5
|
http:// ON Semiconductor
|
NCV8163AMX270TBG NCV8163AMX120TBG |
250 mA, Ultra-Low Noise and High PSRR LDO Regulator
|
ON Semiconductor
|
AP5320-13S5 APL532012BTI-TRG APL5320-12QB APL5320- |
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
|
Anpec Electronics Coropration Anpec Electronics Corop...
|
APL5312-17BI-TR APL5312-15BI-TRL APL5312 APL5312-1 |
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
|
ANPEC[Anpec Electronics Coropration]
|
LDO512 |
IP LIBRARY: ULTRA LOW NOISE, HIGH PSRR, LOW POWER, 30MA VERY LOW DROPOUT VOLTAGE REGULATORS. IP Library: Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MP20041DGT-GB-LF-Z MP20041DGT-GC-LF-Z MP20041DGT-G |
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
|
Monolithic Power Systems
|
NCP160AFCS320T2G NCP160AFCT250T2G NCP160BFCT250T2G |
250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
|
ON Semiconductor
|
TPS79901-EP |
<font color=red>[Old version datasheet]</font> 200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
|
TI store
|
YB1210 YB1210ST23S-2.8G YB1210ST23S-1.8G YB1210ST2 |
300mA Ultra-Low-Noise, High PSRR LDO Regulator 300mA的超低噪声,高PSRR LDO稳压
|
YOBON TECHNOLOGIES, INC.
|
NCP161AFCS320T2G NCP161AFCT250T2G NCP161AFCT514T2G |
450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits 450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
|
ON Semiconductor
|
|